PART |
Description |
Maker |
LT1097S8TRPBF |
Low Cost, Low Power Precision Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 130 uV OFFSET-MAX, 0.7 MHz BAND WIDTH, PDSO8 Low Cost, Low Power Precision Op Amp(浣?环锛?????绮惧?杩???惧ぇ?ī
|
Linear Technology, Corp. Linear Technology Corporation
|
LT1800CS5PBF LT1800-15 |
80MHz, 25V/µs Low Power Rail-to-Rail Input and Output Precision Op Amp; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C OP-AMP, 5000 uV OFFSET-MAX, 70 MHz BAND WIDTH, PDSO5 80MHz, 25V/s Low Power Rail-to-Rail Input and Output Precision Op Amp
|
Linear Technology, Corp.
|
MAX6416 MAX6418 MAX6412 MAX6413UK37-T MAX6413UK38- |
330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable; Temperature Range: -40°C to 85°C; Package: 8-PDIP " Low-Power, Single/Dual-Voltage ?P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay" Dual Long-Tailed Pair Transistor Array; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R 380MHz, SOT-23, Low Power Current Feedback Operational Amplifier; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 12-Bit, 80 MSPS, High Speed Video D/A Converter; Temperature Range: 0°C to 70°C; Package: 28-SOIC Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection; Temperature Range: -40°C to 85°C; Package: 28-SOIC 380MHz, SOT-23, Low Power Current Feedback Operational Amplifier; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R Gilbert Cell UHF Transistor Array; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 850MHz, Low Distortion Programmable Gain Buffer Amplifier; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 330MHz, Low Power, Current Feedback Video Operational Amplifier; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 10-Bit, 40MSPS A/D Converter with CMOS Outputs; Temperature Range: 0°C to 70°C; Package: 28-SOIC T&R 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 8-Bit, 165/125/60MSPS, High Speed D/A Converter; Temperature Range: -40°C to 85°C; Package: 28-TSSOP T&R 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 Complete, 12-Bit A/D Converters with Microprocessor Interface; Temperature Range: See Datasheet; Package: 28-PDIP 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 12-Bit, Low Cost, Monolithic D/A Converters; Temperature Range: 0°C to 70°C; Package: 24-PDIP 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 360MHz, Low Power, Video Operational Amplifier with Output Limiting; Temperature Range: -40°C to 85°C; Package: 8-SOIC 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 Dual Long-Tailed Pair Transistor Array; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R
|
Maxim Integrated Products, Inc. 电源管理 MAXIM INTEGRATED PRODUCTS INC
|
X9015WPIC7898 |
Low Noise, Low Power, Volatile; Single Digitally Controlled (XDCP™) Potentiometer; Temperature Range: -40°C to 85°C; Package: 8-PDIP 10K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 32 POSITIONS, PDIP8
|
Intersil, Corp.
|
AD8622ARZ AD8624ARUZ |
Dual, Low Power, Low Noise, Low Bias Current, Precision Rail-to-Rail Output Op Amp; Package: 8-pin; Temperature Range: -40°C to 125°C DUAL OP-AMP, 230 uV OFFSET-MAX, 0.58 MHz BAND WIDTH, PDSO8 QUAD OP-AMP, 230 uV OFFSET-MAX, 0.6 MHz BAND WIDTH, PDSO14
|
Analog Devices, Inc. ANALOG DEVICES INC
|
MIC861 MIC861BC5 |
TeenyTM Ultra Low Power Op Amp Teeny Ultra Low Power Op Amp Final Information
|
Micrel Semiconductor,Inc.
|
AD827JN AD827SQ AD827JCHIPS AD827SCHIPS AD827SQ/88 |
High Speed/ Low Power Dual Op Amp High Speed, Low Power Dual Op Amp OP-AMP High Speed, Low Power Dual Op Amp VIDEO AMPLIFIER, PDSO16
|
Analog Devices, Inc.
|
OL4128N-140 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 光纤变送器
|
OKI SEMICONDUCTOR CO., LTD.
|
2SC1164 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits
|
|
2SC4176B33 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体
|
NEC, Corp.
|
|